Part Number Hot Search : 
800R17 BC487B 2SB1383 STR715FR 1J222ME 2SK1215 CD8227 BUZ10L
Product Description
Full Text Search
 

To Download AP2306GN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP2306GN
Pb Free Plating Product
Advanced Power Electronics Corp.
Capable of 2.5V gate drive Lower on-resistance Surface mount package
S D
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
BVDSS RDS(ON) ID
20V 32m 5.3A
Description
SOT-23
G
Advanced Power MOSFETs utilized advanced processing techniques to achieve the lowest possible on-resistance, extremely efficient and cost-effectiveness device. The SOT-23 package is universally used for all commercial-industrial applications.
D
G S
Absolute Maximum Ratings
Symbol VDS VGS ID@TA=25 ID@TA=70 IDM PD@TA=25 TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current , VGS @ 4.5V Continuous Drain Current , VGS @ 4.5V Pulsed Drain Current
1,2 3 3
Rating 20 12 5.3 4.3 10 1.38 0.01 -55 to 150 -55 to 150
Units V V A A A W W/
Total Power Dissipation Linear Derating Factor Storage Temperature Range Operating Junction Temperature Range
Thermal Data
Symbol Rthj-a Parameter Thermal Resistance Junction-ambient
3
Value Max. 90
Unit /W
Data and specifications subject to change without notice
200509032
AP2306GN
Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol BVDSS
BVDSS/Tj
Parameter Drain-Source Breakdown Voltage
Test Conditions VGS=0V, ID=250uA
Min. 20 0.5 -
Typ. 0.1 13 8.7 1.5 3.6 6 14 18.4 2.8 603 144 111
Max. Units 30 35 50 90 1 10 100 V V/ m m m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25, ID=1mA
RDS(ON)
Static Drain-Source On-Resistance
VGS=10V, ID=5.5A VGS=4.5V, ID=5.3A VGS=2.5V, ID=2.6A VGS=1.8V, ID=1.0A
VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=55 C)
o o
VDS=VGS, ID=250uA VDS=5V, ID=5.3A VDS=20V, VGS=0V VDS=16V ,VGS=0V VGS= 12V ID=5.3A VDS=10V VGS=4.5V VDS=15V ID=1A RG=2,VGS=10V RD=15 VGS=0V VDS=15V f=1.0MHz
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
2
Source-Drain Diode
Symbol VSD trr Qrr Parameter Forward On Voltage
2
Test Conditions IS=1.2A, VGS=0V IS=5A, VGS=0V, dI/dt=100A/s
Min. -
Typ. 16.8 11
Max. Units 1.2 V ns nC
Reverse Recovery Time
Reverse Recovery Charge
Notes:
1.Pulse width limited by Max. junction temperature. 2.Pulse width <300us , duty cycle <2%. 3.Surface mounted on 1 in2 copper pad of FR4 board ; 270/W when mounted on min. copper pad.
AP2306GN
80
50
T A =25 C
60
o
5.0V 4.5V 4.0V ID , Drain Current (A) V G =2.5V T A =150 C
40
o
5.0V 4.5V
30
ID , Drain Current (A)
4.0V
20
40
20
V G =2.5V
10
0 0 1 2 3 4 5 6 7
0 0 1 2 3 4 5 6 7 8
V DS , Drain-to-Source Voltage (V)
V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
1.8
I D =5.3A T A =25 o C
80 1.6
I D =5.3A V G =4.5V
Normalized R DS(ON)
1.4
RDS(ON) (m )
60
1.2
1.0
40 0.8
20 1 3 5 7 9 11
0.6 -50 0 50 100 150
V GS , Gate-to-Source Voltage (V)
T j , Junction Temperature ( C)
o
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
1.6
100
1.4
10 1.2
T j =150 o C
IS (A)
1
T j =25 o C
VGS(th)(V)
1
0.8
0.6 0.1
0.4
0.01 0 0.4 0.8 1.2 1.6
0.2 -50 0 50 100 150
V SD , Source-to-Drain Voltage (V)
T j , Junction Temperature ( o C )
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
AP2306GN
14 1000
f=1.0MHz Ciss
VGS , Gate to Source Voltage (V)
12
I D =5.3A V DS =16V
10
8
C (pF)
100
6
Coss Crss
4
2
10 0 0 5 10 15 20 25 1 5 9 13 17 21 25 29
V DS , Drain-to-Source Voltage (V)
Q G , Total Gate Charge (nC)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
100
1
Normalized Thermal Response (Rthja)
DUTY=0.5
0.2
10
0.1
0.1
1ms ID (A)
1
0.05
PDM
0.01
10ms
0.1
t T Duty factor = t/T Peak Tj = PDM x Rthja + Ta Rthja = 270/W
0.01
Single Pulse
100ms T A =25 o C Single Pulse 1s DC
0.1 1 10 100
0.01
0.001
0.0001 0.001 0.01 0.1 1 10 100 1000
V DS , Drain-to-Source Voltage (V) t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
RD VDS
TO THE OSCILLOSCOPE
D D VDS
TO THE OSCILLOSCOPE
0.5 x RATED VDS
RG
G
0.75x RATED VDS
G S VGS
+ 10 V -
S VGS
+
1~ 3 mA
IG ID
Fig 11. Switching Time Circuit
Fig 12. Gate Charge Circuit


▲Up To Search▲   

 
Price & Availability of AP2306GN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X